Part Number Hot Search : 
DC101 AK4116 E001538 DG202ADY BAT54T1 10N20 PIC16F 4AHCT1G0
Product Description
Full Text Search
 

To Download GBU8005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBU8005
Elektronische Bauelemente
THRU
GBU810
VOLTAGE 50V ~ 1000V 8 .0 AMP Glass Passivated Bridge Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen-free.
GBU
3.2x3.2 CHAMFER .139(3.53) .133(3.37) 10 TYP
O
.874(22.2) .860(21.8) .160(4.1) .140(3.5)
5 TYP
O
.752(19.1) .720(18.3)
FEATURES
.083(2.1) .067(1.7)
.232(5.9) .224(5.7)
* Surge Overload Rating -170 AMP Peak * Ldeal For Printed Circuit Board Reliable Low Cost * Plastic Technique Construction Utilizing Molded *
Plastic Material Has Underw rites Laboratory Flammability Classification 94V-0
.720(18.29) .680(17.27)
.100(2.54) .085(2.16) .080(2.03) .068(1.65) .210 .210 .190 .190 (5.33) (5.33) (4.83) (4.83) .210 .190 (5.33) (4.83)
.083(2.1) .075(1.9)
.022(0.56) .018(0.46)
* Mounting Position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz, For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note2) Rectified Current @ TC=100 (without heatsink) Peak Forward Surge Current, 8.3 ms single half Sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage at 4.0A o Maximum DC Reverse Current Ta=25 C o at Rated DC Blocking Voltage Ta=125 C I2t Rating for fusing (t<8.3ms) Typical Junction Capacitance per element (Note1) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range SYMBOL VRRM VRMS VDC I(AV) IFSM VF IR I2t CJ RJC TJ TSTG
GBU 8005 GBU 801 GBU 802 GBU 804 GBU 806 GBU 808 GBU 810
o
UNITS V V V A A V A
A2S
50 35 50
100 70 100
200 140 200
400 280 400 8.0 3.2
600 420 600
800 560 800
1000 700 1000
170 1.10 5.0 500 16 6 60 2.2 - 55 ~ + 150 - 55 ~ + 150
o
pF C/W o C o C
NOTES: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Device mounted on 100mm x 100mm x 1.6mm Cu Plate Heatsink.
ht t p:/ /www. SeCoSGmbH. com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 2
GBU8005
Elektronische Bauelemente
THRU
GBU810
VOLTAGE 50V ~ 1000V 8 .0 AMP Glass Passivated Bridge Rectifiers
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
I(AV), AVG FORWARD OUTPUT CURRENT (A)
Resistive or Inductive Load
8
With heatsink
IF, INSTANTANEOUS FORWARD CURRENT (A)
10
100
Tj = 25C
10
6
4
Without heatsink
1.0
2
0 0 50 100 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.1 0.0 0.2 0.6 1.0 1.4 1.8
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
IFSM, PEAK FORWARD SURGE CURRENT (A)
250
Cj, JUNCTION CAPACITANCE (pF)
1000
Tj = 25C f = 1.0MHz
200
Single Half-Sine Wave (JEDEC Method)
100
100
0 1
Tj = 25C
10
100
10 0.1
1.0
10
100
NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Surge Current
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of GBU8005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X